Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 166Page - Renesas Technology Corp HD64F36034 Datasheet HTML 167Page - Renesas Technology Corp HD64F36034 Datasheet HTML 168Page - Renesas Technology Corp HD64F36034 Datasheet HTML 169Page - Renesas Technology Corp HD64F36034 Datasheet HTML 170Page - Renesas Technology Corp HD64F36034 Datasheet HTML 171Page - Renesas Technology Corp HD64F36034 Datasheet HTML 172Page - Renesas Technology Corp HD64F36034 Datasheet HTML 173Page - Renesas Technology Corp HD64F36034 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 138 of 556
REJ09B0026-0400
9.7.2
Port Data Register 9 (PDR9)
PDR9 is a general I/O port data register of port 9.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P97
P96
P95
P94
P93
P92
P91
P90
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Stores output data for port 9 pins.
If PDR9 is read while PCR9 bits are set to 1, the value
stored in PDR9 are read. If PDR9 is read while PCR9 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR9.
9.7.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P97/HTXD pin
Register
TCMR
PCR9
Bit Name
PMR97
PCR97
Pin Function
Setting Value
0
0
P97 input pin
1
P97 output pin
1
X
HTXD output pin
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com