Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 180Page - Renesas Technology Corp HD64F36034 Datasheet HTML 181Page - Renesas Technology Corp HD64F36034 Datasheet HTML 182Page - Renesas Technology Corp HD64F36034 Datasheet HTML 183Page - Renesas Technology Corp HD64F36034 Datasheet HTML 184Page - Renesas Technology Corp HD64F36034 Datasheet HTML 185Page - Renesas Technology Corp HD64F36034 Datasheet HTML 186Page - Renesas Technology Corp HD64F36034 Datasheet HTML 187Page - Renesas Technology Corp HD64F36034 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 592 page
background image
Section 11 Timer V
Rev. 4.00 Mar. 15, 2006 Page 152 of 556
REJ09B0026-0400
11.3.2
Time Constant Registers A and B (TCORA, TCORB)
TCORA and TCORB have the same function.
TCORA and TCORB are 8-bit read/write registers.
TCORA and TCNTV are compared at all times. When the TCORA and TCNTV contents match,
CMFA is set to 1 in TCSRV. If CMIEA is also set to 1 in TCRV0, a CPU interrupt is requested.
Note that they must not be compared during the T3 state of a TCORA write cycle.
Timer output from the TMOV pin can be controlled by the identifying signal (compare match A)
and the settings of bits OS3 to OS0 in TCSRV.
TCORA and TCORB are initialized to H'FF.
11.3.3
Timer Control Register V0 (TCRV0)
TCRV0 selects the input clock signals of TCNTV, specifies the clearing conditions of TCNTV,
and controls each interrupt request.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare Match Interrupt Enable B
When this bit is set to 1, interrupt request from the CMFB
bit in TCSRV is enabled.
6
CMIEA
0
R/W
Compare Match Interrupt Enable A
When this bit is set to 1, interrupt request from the CMFA
bit in TCSRV is enabled.
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
When this bit is set to 1, interrupt request from the OVF
bit in TCSRV is enabled.
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1 and 0
These bits specify the clearing conditions of TCNTV.
00: Clearing is disabled
01: Cleared by compare match A
10: Cleared by compare match B
11: Cleared on the rising edge of the TMRIV pin. The
operation of TCNTV after clearing depends on TRGE
in TCRV1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com