| Electronic Components Datasheet Search |
|
HD64F36034 Datasheet(PDF) 187 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36034 Datasheet(HTML) 187 Page - Renesas Technology Corp |
|
187 / 592 page ![]() Section 11 Timer V Rev. 4.00 Mar. 15, 2006 Page 155 of 556 REJ09B0026-0400 Bit Bit Name Initial Value R/W Description 1 0 OS1 OS0 0 0 R/W R/W Output Select 1 and 0 These bits select an output method for the TMOV pin by the compare match of TCORA and TCNTV. 00: No change 01: 0 output 10: 1 output 11: Output toggles OS3 and OS2 select the output level for compare match B. OS1 and OS0 select the output level for compare match A. The two output levels can be controlled independently. After a reset, the timer output is 0 until the first compare match. 11.3.5 Timer Control Register V1 (TCRV1) TCRV1 selects the edge at the TRGV pin, enables TRGV input, and selects the clock input to TCNTV. Bit Bit Name Initial Value R/W Description 7 to 5 All 1 Reserved These bits are always read as 1. 4 3 TVEG1 TVEG0 0 0 R/W R/W TRGV Input Edge Select These bits select the TRGV input edge. 00: TRGV trigger input is prohibited 01: Rising edge is selected 10: Falling edge is selected 11: Rising and falling edges are both selected 2 TRGE 0 R/W TCNT starts counting up by the input of the edge which is selected by TVEG1 and TVEG0. 0: Disables starting counting-up TCNTV by the input of the TRGV pin and halting counting-up TCNTV when TCNTV is cleared by a compare match. 1: Enables starting counting-up TCNTV by the input of the TRGV pin and halting counting-up TCNTV when TCNTV is cleared by a compare match. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |