Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 108Page - Renesas Technology Corp SH7032 Datasheet HTML 109Page - Renesas Technology Corp SH7032 Datasheet HTML 110Page - Renesas Technology Corp SH7032 Datasheet HTML 111Page - Renesas Technology Corp SH7032 Datasheet HTML 112Page - Renesas Technology Corp SH7032 Datasheet HTML 113Page - Renesas Technology Corp SH7032 Datasheet HTML 114Page - Renesas Technology Corp SH7032 Datasheet HTML 115Page - Renesas Technology Corp SH7032 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 687 page
background image
Section 6 User Break Controller (UBC)
Rev. 7.00 Jan 31, 2006 page 86 of 658
REJ09B0272-0700
6.2
Register Descriptions
6.2.1
Break Address Registers (BAR)
There are two break address registers—break address register H (BARH) and break address
register L (BARL)—that together form a single group. Both are 16-bit read/write registers. BARH
stores the upper bits (bits 31–16) of the address of the break condition. BARL stores the lower bits
(bits 15–0) of the address of the break condition. A reset initializes both BARH and BARL to
H'0000. They are not initialized in standby mode.
BARH: Break address register H.
Bit
151413121110
9
8
BA31
BA30
BA29
BA28
BA27
BA26
BA25
BA24
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
76543210
BA23
BA22
BA21
BA20
BA19
BA18
BA17
BA16
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BARH Bits 15–0—Break Address 31–16 (BA31–BA16): BA31–BA16 store the upper bit values
(bits 31–16) of the address of the break condition.
BARL: Break address register L.
Bit
151413121110
9
8
BA15
BA14
BA13
BA12
BA11
BA10
BA9
BA8
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
76543210
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BARL Bits 15–0—Break Address 15–0 (BA15–BA0): BA15–BA0 store the lower bit values
(bits 15–0) of the address of the break condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com