Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 109Page - Renesas Technology Corp SH7032 Datasheet HTML 110Page - Renesas Technology Corp SH7032 Datasheet HTML 111Page - Renesas Technology Corp SH7032 Datasheet HTML 112Page - Renesas Technology Corp SH7032 Datasheet HTML 113Page - Renesas Technology Corp SH7032 Datasheet HTML 114Page - Renesas Technology Corp SH7032 Datasheet HTML 115Page - Renesas Technology Corp SH7032 Datasheet HTML 116Page - Renesas Technology Corp SH7032 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 687 page
background image
Section 6 User Break Controller (UBC)
Rev. 7.00 Jan 31, 2006 page 87 of 658
REJ09B0272-0700
6.2.2
Break Address Mask Register (BAMR)
The two break address mask registers—break address mask register H (BAMRH) and break
address mask register L (BARML)—together form a single group. Both are 16-bit read/write
registers. BAMRH determines which of the bits in the break address set in BARH are masked.
BAMRL determines which of the bits in the break address set in BARL are masked. A reset
initializes BAMRH and BARML to H'0000. They are not initialized in standby mode.
BAMRH: Break address mask register H.
Bit
151413121110
9
8
BAM31
BAM30
BAM29
BAM28
BAM27
BAM26
BAM25
BAM24
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
76543210
BAM23
BAM22
BAM21
BAM20
BAM19
BAM18
BAM17
BAM16
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BAMRH bits 15–0—Break Address Mask 31–16 (BAM31–BAM16): BAM31–BAM16 specify
whether bits BA31–BA16 of the break address set in BARH are masked or not.
BAMRL: Break address mask register L.
Bit
151413121110
9
8
BAM15
BAM14
BAM13
BAM12
BAM11
BAM10
BAM9
BAM8
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
76543210
BAM7
BAM6
BAM5
BAM4
BAM3
BAM2
BAM1
BAM0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BAMRL bits 15–0—Break Address Mask 15–0 (BAM15–BAM0)): BAM15–BAM0 specify
whether bits BA15–BA0 of the break address set in BARH are masked or not.
Bits 15–0:
BAMn
Description
0
Break address bit BAn is included in the break condition
(Initial value)
1
Break address bit BAn is not included in the break condition
n = 31–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com