Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 115Page - Renesas Technology Corp SH7032 Datasheet HTML 116Page - Renesas Technology Corp SH7032 Datasheet HTML 117Page - Renesas Technology Corp SH7032 Datasheet HTML 118Page - Renesas Technology Corp SH7032 Datasheet HTML 119Page - Renesas Technology Corp SH7032 Datasheet HTML 120Page - Renesas Technology Corp SH7032 Datasheet HTML 121Page - Renesas Technology Corp SH7032 Datasheet HTML 122Page - Renesas Technology Corp SH7032 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 687 page
background image
Section 6 User Break Controller (UBC)
Rev. 7.00 Jan 31, 2006 page 93 of 658
REJ09B0272-0700
6.4
Setting User Break Conditions
CPU Instruction Fetch Bus Cycle:
• Register settings: BARH = H'0000, BARL = H'0404, BBR = H'0054
Conditions set: Address = H'00000404, bus cycle = CPU, instruction fetch, read (operand size
not included in conditions)
A user break interrupt will occur immediately before the instruction at address H'00000404. If
the instruction at address H'00000402 can accept an interrupt, the user break exception
handling will be executed after that instruction is executed. The instruction at H'00000404 will
not be executed. The value saved to the PC is H'00000404.
• Register settings: BARH = H'0015, BARL = H'389C, BBR = H'0058
Conditions set: Address = H'0015389C, bus cycle = CPU, instruction fetch, write (operand size
not included in conditions)
No user break interrupt occurs, because no instruction fetch cycle is ever a write cycle.
• Register settings: BARH = H'0003, BARL = H'0147, BBR = H'0054
Conditions set: Address = H'00030147, bus cycle = CPU, instruction fetch, read (operand size
not included in conditions)
No user break interrupt occurs, because instructions are always fetched from even addresses. If
the first fetched address after a branch is odd and a user break is set on this address, however,
user break exception handling will be carried out after address error exception handling.
CPU Data Access Bus Cycle:
• Register settings: BARH = H'0012, BARL = H'3456, BBR = H'006A
Conditions set: Address = H'00123456, bus cycle = CPU, data access, write, word
A user break interrupt occurs when word data is written to address H'00123456.
• Register settings: BARH = H'00A8, BARL = H'0391, BBR = H'0066
Conditions set: Address = H'00A80391, bus cycle = CPU, data access, read, word
No user break interrupt occurs, because word data access is always to an even address.
DMA Cycle:
• Register setting: BARH = H'0076, BARL = H'BCDC, BBR = H'00A7
Conditions set: Address = H'0076BCDC, bus cycle = DMA, data access, read, longword
A user break interrupt occurs when longword data is read from address H'0076BCDC.
• Register setting: BARH = H'0023, BARL = H'45C8, BBR = H'0094
Conditions set: Address = H'002345C8, bus cycle = DMA, instruction fetch, read (operand
size not included)
No user break interrupt occurs, because a DMA cycle includes no instruction fetch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com