Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 117Page - Renesas Technology Corp SH7032 Datasheet HTML 118Page - Renesas Technology Corp SH7032 Datasheet HTML 119Page - Renesas Technology Corp SH7032 Datasheet HTML 120Page - Renesas Technology Corp SH7032 Datasheet HTML 121Page - Renesas Technology Corp SH7032 Datasheet HTML 122Page - Renesas Technology Corp SH7032 Datasheet HTML 123Page - Renesas Technology Corp SH7032 Datasheet HTML 124Page - Renesas Technology Corp SH7032 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 687 page
background image
Section 6 User Break Controller (UBC)
Rev. 7.00 Jan 31, 2006 page 95 of 658
REJ09B0272-0700
6.5.3
Instruction Fetch Break
If a break is attempted at the task A return destination instruction fetch, task B is activated before
the UBC interrupt by interrupt B generated during task A processing, and the UBC interrupt is
handled after the interrupt B exception handling.
1. Cause
The SH7032/SH7034 chip operates as follows.
F
F
DE
E
ME
E
MM E
EE
M
MM
E
E
E
FD
F
Interrupt B accepted
Interrupt exception
handling
Interrupt exception
handling
UBC interrupt accepted
<Address>
Break
condition
<Description>
Instruction replaced by interrupt
exception handling
Overrun fetch
Task B first instruction fetch
(instruction replaced by interrupt
exception handling)
(0xf000978 Overrun fetch)
UBC first instruction fetch
0x00011a0a
0x00011a0c
0xf000974
0x02000030
f
Figure 6.3 UBC Operation
It actually takes at least two cycles for the UBC interrupt generated by the address 0x00011a0c
instruction fetch cycle to be sent to the interrupt controller and interrupt exception handling to
begin. However, as shown in figure 6.3, when the UBC interrupt is generated, previously
generated interrupt B initiated by task B is accepted first, and the UBC interrupt is accepted
after completion of the interrupt B exception handling.
2. Remedy
There is no way of preventing this operation by hardware. A software solution, such as the use
of a flag, must be employed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com