Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 120Page - Renesas Technology Corp SH7032 Datasheet HTML 121Page - Renesas Technology Corp SH7032 Datasheet HTML 122Page - Renesas Technology Corp SH7032 Datasheet HTML 123Page - Renesas Technology Corp SH7032 Datasheet HTML 124Page - Renesas Technology Corp SH7032 Datasheet HTML 125Page - Renesas Technology Corp SH7032 Datasheet HTML 126Page - Renesas Technology Corp SH7032 Datasheet HTML 127Page - Renesas Technology Corp SH7032 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 687 page
background image
Section 7 Clock Pulse Generator (CPG)
Rev. 7.00 Jan 31, 2006 page 98 of 658
REJ09B0272-0700
XTAL
EXTAL
C
L1 = CL2 =10–22 pF
C
L1
Rd
C
L2
Figure 7.2 Connection of Crystal Resonator (Example)
Table 7.1
Damping Resistance
Frequency [MHz] 2
4
8
12
16
20
Rd [Ω]
1k
500
200
0
0
0
Crystal Resonator: Figure 7.3 shows an equivalent circuit of the crystal resonator. Use a crystal
resonator with the characteristics listed in table 7.2.
C
0
XTAL
EXTAL
C
L
LRs
Figure 7.3 Crystal Resonator Equivalent Circuit
Table 7.2
Crystal Resonator Parameters
Frequency (MHz)
Parameter
2
4
8
12
16
20
Rs max [Ω]
500
120
80
60
50
40
Co max [pF]
777
777



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com