Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 407Page - Renesas Technology Corp SH7108 Datasheet HTML 408Page - Renesas Technology Corp SH7108 Datasheet HTML 409Page - Renesas Technology Corp SH7108 Datasheet HTML 410Page - Renesas Technology Corp SH7108 Datasheet HTML 411Page - Renesas Technology Corp SH7108 Datasheet HTML 412Page - Renesas Technology Corp SH7108 Datasheet HTML 413Page - Renesas Technology Corp SH7108 Datasheet HTML 414Page - Renesas Technology Corp SH7108 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 377 of 522
REJ09B0069-0100
is performed when a value greater than the TPDR value is set as the buffer register (TBRU to
TBRW) value. The waveform in this case has positive phase in the 100% off state.
(11) External Counter Clear Function
In the operating modes, the TCNT counter can be cleared from an external source. When using the
counter clearing function, the port A I/O register L (PAIORL) should be used to set the PCIO pin
as an input.
On the falling edge of the PCIO pin (when set to input), the TCNT counter is reset to 2Td (the
initial setting). It then counts up until it reaches the value in TPDR, then starts counting down.
When the count returns to 2Td, TCNT starts counting up again, and this sequence is repeated.
Figure 13.6 shows the example for counter clearing.
TCNT
TPDR
2Td
H'0000
PCIO pin
(counter clear
input)
Figure 13.6 Example of TCNT Counter Clearing
(12) Toggle Output Synchronized with PWM Cycle
In the operating modes, output can be toggled synchronously with the PWM carrier cycle. When
outputting the PWM cycle, the pin function controller (PFC) should be used to set the PCIO pin as
an output (when set to output). An example of the toggle output waveform is shown in figure 13.7.
PWM cycle output is toggled according to the TCNT count direction. The toggle output pin is
PCIO (when set to output). The PCIO pin outputs 1 when TCNT is counting up, and 0 when
counting down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com