Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 409Page - Renesas Technology Corp SH7108 Datasheet HTML 410Page - Renesas Technology Corp SH7108 Datasheet HTML 411Page - Renesas Technology Corp SH7108 Datasheet HTML 412Page - Renesas Technology Corp SH7108 Datasheet HTML 413Page - Renesas Technology Corp SH7108 Datasheet HTML 414Page - Renesas Technology Corp SH7108 Datasheet HTML 415Page - Renesas Technology Corp SH7108 Datasheet HTML 416Page - Renesas Technology Corp SH7108 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 379 of 522
REJ09B0069-0100
• Halting MMT output when oscillation stops
The six-phase PWM output pins are placed in the high-impedance state automatically when
stoppage of the clock input is detected. However, pin states are not guaranteed when the clock
is restarted.
13.5
Interrupt Sources
When the TGFM (TGFN) flag is set to 1 in the timer status register (TSR) by a compare match
between TCNT and TPDR (2Td), and if the TGIEM (TGIEN) bit setting in the timer control
register (TCNR) is 1, an interrupt is requested. The interrupt request is cleared by clearing the
TGF flag to 0.
Table 13.4
MMT Interrupt Sources
Name
Interrupt Source
Interrupt Flag
TGIMN
Compare match between TCNT and TPDR
TGFM
TGINN
Compare match between TCNT and 2Td
TGFN
The on-chip A/D converter can be activated when TCNT matches TPDR or 2Td. When the TGF
flag in the timer status register (TSR) is set to 1 as a result of either match, a request to start A/D
conversion is sent to the A/D converter. If the conversion start trigger of the MMT is selected in
the A/D converter at that time, A/D conversion starts.
13.6
Operation Timing
13.6.1
Input/Output Timing
(1) TCNT and TDCNT Count Timing
Figure 13.8 shows the TCNT and TDCNT count timing.
N – 3
N – 2
N – 1
N
N + 1 N + 2 N + 3
N + 4
P
φ
TCNT,
TDCNT
Figure 13.8 Count Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com