Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 408Page - Renesas Technology Corp SH7108 Datasheet HTML 409Page - Renesas Technology Corp SH7108 Datasheet HTML 410Page - Renesas Technology Corp SH7108 Datasheet HTML 411Page - Renesas Technology Corp SH7108 Datasheet HTML 412Page - Renesas Technology Corp SH7108 Datasheet HTML 413Page - Renesas Technology Corp SH7108 Datasheet HTML 414Page - Renesas Technology Corp SH7108 Datasheet HTML 415Page - Renesas Technology Corp SH7108 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 378 of 522
REJ09B0069-0100
TCNT
TPDR
2Td
H'0000
PCIO pin
(toggle output)
Figure 13.7 Example of Toggle Output Waveform Synchronized with PWM Cycle
(13) Settings for A/D Conversion Start Requests
Requests to start A/D conversion can be set up to be issued when TCNT matches TPDR or 2Td.
When the start requests are set up for issue when TCNT matches TPDR, A/D conversion will start
at the center of the PWM pulse (the peak value of the TCNT counter). When the start requests are
set up for issue when TCNT matches 2Td, A/D conversion will start on the edge of the PWM
pulse (the minimum value of the TCNT counter).
Requests to start A/D conversion is enabled by setting the TTGE bit in the timer control register
(TCNR) to 1.
Table 13.3 shows the relationship between A/D conversion start timing and operating mode.
Table 13.3
Relationship between A/D Conversion Start Timing and Operating Mode
Operating Mode
A/D Conversion Start Timing
Operating mode 1 (transfer at peak)
A/D conversion start at trough
Operating mode 2 (transfer at trough)
A/D conversion start at peak
Operating mode 3 (transfer at peak and trough)
A/D conversion start at peak and trough
13.4.2
Output Protection Functions
Operating mode output has the following protection functions:
• Halting MMT output by external signal
The six-phase PWM output pins can be placed in the high-impedance state automatically by
inputting a specified external signal. There are three external signal input pins. For details, see
section 13.8, Port Output Enable (POE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com