Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 140Page - Renesas Technology Corp SH7108 Datasheet HTML 141Page - Renesas Technology Corp SH7108 Datasheet HTML 142Page - Renesas Technology Corp SH7108 Datasheet HTML 143Page - Renesas Technology Corp SH7108 Datasheet HTML 144Page - Renesas Technology Corp SH7108 Datasheet HTML 145Page - Renesas Technology Corp SH7108 Datasheet HTML 146Page - Renesas Technology Corp SH7108 Datasheet HTML 147Page - Renesas Technology Corp SH7108 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 110 of 522
REJ09B0069-0100
7.7
Waits between Access Cycles
When a read from a slow device is completed, data buffers may not go off in time, causing conflict
with the next access data. If there is a data conflict during memory access, the problem can be
solved by inserting a wait in the access cycle.
To enable detection of the bus cycle start, a wait can be inserted between access cycles during
continuous accesses of the same CS0 space by negating the
CS0 signal once.
7.7.1
Prevention of Data Bus Conflicts
Waits are inserted so that the number of write cycles after read cycle and the number of cycles
specified by IW01 and IW00 bits of BCR2 can be inserted. When idle cycles already exist
between access cycles, only the number of empty cycles remaining beyond the specified number
of idle cycles are inserted.
7.7.2
Simplification of Bus Cycle Start Detection
For consecutive accesses to the same CS0 space, waits are inserted to provide the number of idle
cycles designated by bit CW0 in BCR2. However, in the case of a write cycle after a read, the
number of idle cycles inserted will be the larger of the two values designated by the IW and CW
bits. When idle cycles already exist between access cycles, waits are not inserted.
Figure 7.7 shows an example. A continuous access idle is specified for CS0 space, and CS0 space
is consecutively write-accessed.
Data
CS0 space access
Idle cycle
CS0 space access
Address
CK
T1
T2
Tidle
T1
T2
Figure 7.7 Example of Idle Cycle Insertion at Same Space Consecutive Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com