Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 143Page - Renesas Technology Corp SH7108 Datasheet HTML 144Page - Renesas Technology Corp SH7108 Datasheet HTML 145Page - Renesas Technology Corp SH7108 Datasheet HTML 146Page - Renesas Technology Corp SH7108 Datasheet HTML 147Page - Renesas Technology Corp SH7108 Datasheet HTML 148Page - Renesas Technology Corp SH7108 Datasheet HTML 149Page - Renesas Technology Corp SH7108 Datasheet HTML 150Page - Renesas Technology Corp SH7108 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 113 of 522
REJ09B0069-0100
7.10
On-chip Peripheral I/O Register Access
Internal I/O registers are accessed from the bus state controller, as shown in table 7.3.
Table 7.3
Access to Internal I/O Registers
Internal Module
SCI
MTU,
POE
INTC
PFC,
PORT
CMT
A/D
WDT
MMT
Connected bus
width
8 bits
16 bits
16 bits
16 bits
16 bits
8 bits
16 bits
16 bits
Access cycles
2 cyc*
1
2 cyc*
1
2 cyc*
2
2 cyc*
1
2 cyc*
1
3 cyc*
1
3 cyc*
2
2 cyc*
1
Notes: 1. Converted to the peripheral clock.
2. Converted to the system clock.
7.11
Cycles in which Bus Is not Released
One Bus Cycle: The bus is never released during a single bus cycle. For example, in the case of a
longword read (or write) in 8-bit normal space, four memory accesses to the 8-bit normal space
constitute a single bus cycle, and the bus is never released during this period. Assuming that one
memory access requires two states, the bus is not released during an 8-state period.
8 bits
8 bits
8 bits
8 bits
Cycles in which
bus is not released
Figure 7.10 One Bus Cycle
7.12
CPU Operation when Program Is in External Memory
In this LSI, two words (equivalent to two instructions) are normally fetched in a single instruction
fetch. This is also true when the program is located in external memory, irrespective of whether
the external memory bus width is 8 or 16 bits.
If the program counter value immediately after the program branched is an odd-word (2n+1)
address, or if the program counter value immediately before the program branches is an even-word
(2n) address, the CPU will always fetch 32 bits (equivalent to two instructions) that include the
respective word instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com