Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 141Page - Renesas Technology Corp SH7108 Datasheet HTML 142Page - Renesas Technology Corp SH7108 Datasheet HTML 143Page - Renesas Technology Corp SH7108 Datasheet HTML 144Page - Renesas Technology Corp SH7108 Datasheet HTML 145Page - Renesas Technology Corp SH7108 Datasheet HTML 146Page - Renesas Technology Corp SH7108 Datasheet HTML 147Page - Renesas Technology Corp SH7108 Datasheet HTML 148Page - Renesas Technology Corp SH7108 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 111 of 522
REJ09B0069-0100
7.8
Bus Arbitration
This LSI has a bus arbitration function that, when a bus release request is received from an
external device, releases the bus to that device. It also has an internal bus master, the CPU. The
priority for arbitrate the bus mastership between these bus masters is:
Bus request from external device > CPU
A bus request by an external device should be input to the
BREQ pin. When the BREQ pin is
asserted, this LSI releases the bus immediately after the bus cycle being executed is completed.
The signal indicating that the bus has been released is output from the
BACK pin.
However, the bus is not released between the read and write cycles during TAS instruction
execution. Bus arbitration is not executed between multiple bus cycles that occur due to the data
bus width smaller than access size, for instance, bus cycles in which 8-bit memory is accessed by a
longword.
The bus may be returned when this LSI is releasing the bus. That is, when interrupt request occurs
to be processed. This LSI incorporates the
IRQOUT pin for the bus request signal. When the bus
must be returned to this LSI, the
IRQOUT signal can be asserted. The device that is asserting an
external bus-release request negates the
BREQ signal to release the bus when the IRQOUT signal
is asserted. As a result, the bus is returned to and processed by this LSI. The asserting condition of
the
IRQOUT pin is that an interrupt source occurs and the interrupt request level is higher than
that of interrupt mask bits I3 to I0 in the status register (SR).
Figure 7.8 shows the bus mastership release procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com