| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 149 Page - Renesas Technology Corp |
|
149 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) TIMMTU0A_010020030200 Rev.1.00 Sep. 18, 2008 Page 115 of 522 REJ09B0069-0100 Section 8 Multifunction Timer Pulse Unit (MTU) This LSI has an on-chip multifunction timer pulse unit (MTU) that comprises five 16-bit timer channels. The block diagram is shown in figure 8.1. 8.1 Features • Maximum 16-pulse input/output • Selection of 8 counter input clocks for each channel • The following operations can be set for each channel: ⎯ Waveform output at compare match ⎯ Input capture function ⎯ Counter clear operation Multiple timer counters (TCNT) can be written to simultaneously Simultaneous clearing by compare match and input capture is possible Register simultaneous input/output is possible by synchronous counter operation ⎯ A maximum 12-phase PWM output is possible in combination with synchronous operation • Buffer operation settable for channels 0, 3, and 4 • Phase counting mode settable independently for each of channels 1 and 2 • Cascade connection operation • Fast access via internal 16-bit bus • 23 interrupt sources • Automatic transfer of register data • A/D converter conversion start trigger can be generated • Module standby mode can be set • Positive and negative 3-phase waveforms (6-phase waveforms in total) can be output in complementary or reset synchronous PWM mode by combining channels 3 and 4. • AC synchronous motor (brushless DC motor) can be driven in complementary or reset synchronous PWM mode by combining channels 0, 3, and 4. Chopping or level output can be selected as drive waveform output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |