| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 156 Page - Renesas Technology Corp |
|
156 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) Rev.1.00 Sep. 18, 2008 Page 122 of 522 REJ09B0069-0100 • Timer gate control register (TGCR) • Timer cycle data register (TCDR) • Timer dead time data register (TDDR) • Timer subcounter (TCNTS) • Timer cycle buffer register (TCBR) 8.3.1 Timer Control Register (TCR) The TCR registers are 8-bit readable/writable registers that control the TCNT operation for each channel. The MTU has a total of five TCR registers, one for each channel (channel 0 to 4). TCR register settings should be conducted only when TCNT operation is stopped. Bit Bit Name Initial value R/W Description 7 6 5 CCLR2 CCLR1 CCLR0 0 0 0 R/W R/W R/W Counter Clear 2 to 0 These bits select the TCNT counter clearing source. See tables 8.3 and 8.4 for details. 4 3 CKEG1 CKEG0 0 0 R/W R/W Clock Edge 1 and 0 These bits select the input clock edge. When the input clock is counted using both edges, the input clock period is halved (e.g. P φ/4 both edges = φ/2 rising edge). If phase counting mode is used on channels 1 and 2, this setting is ignored and the phase counting mode setting has priority. Internal clock edge selection is valid when the input clock is P φ/4 or slower. When Pφ/1, or the overflow/underflow of another channel is selected for the input clock, although values can be written, counter operation compiles with the initial value. 00: Count at rising edge 01: Count at falling edge 1x: Count at both edges Legend: x: Don’t care 2 1 0 TPSC2 TPSC1 TPSC0 0 0 0 R/W R/W R/W Time Prescaler 2 to 0 These bits select the TCNT counter clock. The clock source can be selected independently for each channel. See tables 8.5 to 8.8 for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |