| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 160 Page - Renesas Technology Corp |
|
160 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) Rev.1.00 Sep. 18, 2008 Page 126 of 522 REJ09B0069-0100 8.3.2 Timer Mode Register (TMDR) The TMDR registers are 8-bit readable/writable registers that are used to set the operating mode of each channel. The MTU has five TMDR registers, one for each channel. TMDR register settings should be changed only when TCNT operation is stopped. Bit Bit Name Initial value R/W Description 7, 6 — All 1 — Reserved These bits are always read as 1. The write value should always be 1. 5 BFB 0 R/W Buffer Operation B Specifies whether TGRB is to operate in the normal way, or TGRB and TGRD are to be used together for buffer operation. When TGRD is used as a buffer register, TGRD input capture/output compare is not generated. In channels 1 and 2, which have no TGRD, bit 5 is reserved. It is always read as 0, and the write value should always be 0. 0: TGRB and TGRD operate normally 1: TGRB and TGRD used together for buffer operation 4 BFA 0 R/W Buffer Operation A Specifies whether TGRA is to operate in the normal way, or TGRA and TGRC are to be used together for buffer operation. When TGRC is used as a buffer register, TGRC input capture/output compare is not generated. In channels 1 and 2, which have no TGRC, bit 4 is reserved. It is always read as 0, and the write value should always be 0. 0: TGRA and TGRD operate normally 1: TGRA and TGRC used together for buffer operation 3 2 1 0 MD3 MD2 MD1 MD0 0 0 0 0 R/W R/W R/W R/W Modes 3 to 0 These bits are used to set the timer operating mode. See table 8.9 for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |