Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 158Page - Renesas Technology Corp SH7108 Datasheet HTML 159Page - Renesas Technology Corp SH7108 Datasheet HTML 160Page - Renesas Technology Corp SH7108 Datasheet HTML 161Page - Renesas Technology Corp SH7108 Datasheet HTML 162Page - Renesas Technology Corp SH7108 Datasheet HTML 163Page - Renesas Technology Corp SH7108 Datasheet HTML 164Page - Renesas Technology Corp SH7108 Datasheet HTML 165Page - Renesas Technology Corp SH7108 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 128 of 522
REJ09B0069-0100
TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIORH_4
Bit
Bit Name
Initial value
R/W
Description
7
6
5
4
IOB3
IOB2
IOB1
IOB0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control B3 to B0
Specify the function of TGRB.
See the following tables.
TIORH_0: Table 8.10
TIOR_1:
Table 8.14
TIOR_2:
Table 8.16
TIORH_3: Table 8.18
TIORH_4: Table 8.22
3
2
1
0
IOA3
IOA2
IOA1
IOA0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control A3 to A0
Specify the function of TGRA.
See the following tables.
TIORH_0: Table 8.11
TIOR_1:
Table 8.15
TIOR_2:
Table 8.17
TIORH_3: Table 8.19
TIORH_4: Table 8.23
TIORL_0, TIORL_3, TIORL_4
Bit
Bit Name
Initial value
R/W
Description
7
6
5
4
IOD3
IOD2
IOD1
IOD0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control D3 to D0
Specify the function of TGRD.
When the TGRD is used as a buffer register of the
TGRB, this setting is invalid and input capture/output
compare is not generated.
See the following tables.
TIORL_0: Table 8.12
TIORL_3: Table 8.20
TIORL_4: Table 8.24
3
2
1
0
IOC3
IOC2
IOC1
IOC0
0
0
0
0
R/W
R/W
R/W
R/W
I/O Control C3 to C0
Specify the function of TGRC.
When the TGRC is used as a buffer register of the
TGRA, this setting is invalid and input capture/output
compare is not generated.
See the following tables.
TIORL_0: Table 8.13
TIORL_3: Table 8.21
TIORL_4: Table 8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com