Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 157Page - Renesas Technology Corp SH7108 Datasheet HTML 158Page - Renesas Technology Corp SH7108 Datasheet HTML 159Page - Renesas Technology Corp SH7108 Datasheet HTML 160Page - Renesas Technology Corp SH7108 Datasheet HTML 161Page - Renesas Technology Corp SH7108 Datasheet HTML 162Page - Renesas Technology Corp SH7108 Datasheet HTML 163Page - Renesas Technology Corp SH7108 Datasheet HTML 164Page - Renesas Technology Corp SH7108 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 127 of 522
REJ09B0069-0100
Table 8.9
MD0 to MD3
Bit 3
MD3
Bit 2
MD2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
1
Reserved (setting prohibited)
1
0
PWM mode 1
1
PWM mode 2*
1
1
0
0
Phase counting mode 1*
2
1
Phase counting mode 2*
2
1
0
Phase counting mode 3*
2
1
Phase counting mode 4*
2
1
0
0
0
Reset synchronous PWM mode*
3
1
Reserved (setting prohibited)
1
x
Reserved (setting prohibited)
1
0
0
Reserved (setting prohibited)
1
Complementary PWM mode 1 (transmit at peak)*
3
1
0
Complementary PWM mode 2 (transmit at trough)*
3
1
Complementary PWM mode 2 (transmit at peak and
trough)*
3
Legend: x: Don’t care
Notes: 1. PWM mode 2 can not be set for channels 3 and 4.
2. Phase counting mode can not be set for channels 0, 3, and 4.
3. Reset synchronous PWM mode, complementary PWM mode can only be set for
channel 3. When channel 3 is set to reset synchronous PWM mode or complementary
PWM mode, the channel 4 settings become ineffective and automatically conform to the
channel 3 settings. However, do not set channel 4 to reset synchronous PWM mode or
complementary PWM mode. Reset synchronous PWM mode and complementary PWM
mode can not be set for channels 0, 1, and 2.
8.3.3
Timer I/O Control Register (TIOR)
The TIOR registers are 8-bit readable/writable registers that control the TGR registers. The MTU
has eight TIOR registers, two each for channels 0, 3, and 4, and one each for channels 1 and 2.
Care is required as TIOR is affected by the TMDR setting. The initial output specified by TIOR is
valid when the counter is stopped (the CST bit in TSTR is cleared to 0). Note also that, in PWM
mode 2, the output at the point at which the counter is cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com