Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 153Page - Renesas Technology Corp SH7108 Datasheet HTML 154Page - Renesas Technology Corp SH7108 Datasheet HTML 155Page - Renesas Technology Corp SH7108 Datasheet HTML 156Page - Renesas Technology Corp SH7108 Datasheet HTML 157Page - Renesas Technology Corp SH7108 Datasheet HTML 158Page - Renesas Technology Corp SH7108 Datasheet HTML 159Page - Renesas Technology Corp SH7108 Datasheet HTML 160Page - Renesas Technology Corp SH7108 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 123 of 522
REJ09B0069-0100
Table 8.3
CCLR0 to CCLR2 (Channels 0, 3, and 4)
Channel
Bit 7
CCLR2
Bit 6
CCLR1
Bit 5
CCLR0
Description
0, 3, 4
0
0
0
TCNT clearing disabled
1
TCNT cleared by TGRA compare match/input
capture
1
0
TCNT cleared by TGRB compare match/input
capture
1
TCNT cleared by counter clearing for another
channel performing synchronous clearing/
synchronous operation*
1
1
0
0
TCNT clearing disabled
1
TCNT cleared by TGRC compare match/input
capture*
2
1
0
TCNT cleared by TGRD compare match/input
capture*
2
1
TCNT cleared by counter clearing for another
channel performing synchronous clearing/
synchronous operation*
1
Notes: 1. Synchronous operation is set by setting the SYNC bit in TSYR to 1.
2. When TGRC or TGRD is used as a buffer register, TCNT is not cleared because the
buffer register setting has priority, and compare match/input capture does not occur.
Table 8.4
CCLR0 to CCLR2 (Channels 1 and 2)
Channel
Bit 7
Reserved*
2
Bit 6
CCLR1
Bit 5
CCLR0
Description
1, 2
0
0
0
TCNT clearing disabled
1
TCNT cleared by TGRA compare match/input
capture
1
0
TCNT cleared by TGRB compare match/input
capture
1
TCNT cleared by counter clearing for another
channel performing synchronous clearing/
synchronous operation*
1
Notes: 1. Synchronous operation is selected by setting the SYNC bit in TSYR to 1.
2. Bit 7 is reserved in channels 1 and 2. It is always read as 0. Writing is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com