Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 225Page - Renesas Technology Corp SH7108 Datasheet HTML 226Page - Renesas Technology Corp SH7108 Datasheet HTML 227Page - Renesas Technology Corp SH7108 Datasheet HTML 228Page - Renesas Technology Corp SH7108 Datasheet HTML 229Page - Renesas Technology Corp SH7108 Datasheet HTML 230Page - Renesas Technology Corp SH7108 Datasheet HTML 231Page - Renesas Technology Corp SH7108 Datasheet HTML 232Page - Renesas Technology Corp SH7108 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 195 of 522
REJ09B0069-0100
Register Data Updating: In complementary PWM mode, the buffer register is used to update the
data in a compare register. The update data can be written to the buffer register at any time. There
are five PWM duty cycle and carrier cycle registers that have buffer registers and can be updated
during operation.
There is a temporary register between each of these registers and its buffer register. When
subcounter TCNTS is not counting, if buffer register data is updated, the temporary register value
is also rewritten. Transfer is not performed from buffer registers to temporary registers when
TCNTS is counting; in this case, the value written to a buffer register is transferred after TCNTS
halts.
The temporary register value is transferred to the compare register at the data update timing set
with bits MD3 to MD0 in the timer mode register (TMDR). Figure 8.37 shows an example of data
updating in complementary PWM mode. This example shows the mode in which data updating is
performed at both the counter peak and trough.
When rewriting buffer register data, a write to TGRD_4 must be performed at the end of the
update. Data transfer from the buffer registers to the temporary registers is performed
simultaneously for all five registers after the write to TGRD_4.
A write to TGRD_4 must be performed after writing data to the registers to be updated, even when
not updating all five registers, or when updating the TGRD_4 data. In this case, the data written to
TGRD_4 should be the same as the data prior to the write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com