Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 227Page - Renesas Technology Corp SH7108 Datasheet HTML 228Page - Renesas Technology Corp SH7108 Datasheet HTML 229Page - Renesas Technology Corp SH7108 Datasheet HTML 230Page - Renesas Technology Corp SH7108 Datasheet HTML 231Page - Renesas Technology Corp SH7108 Datasheet HTML 232Page - Renesas Technology Corp SH7108 Datasheet HTML 233Page - Renesas Technology Corp SH7108 Datasheet HTML 234Page - Renesas Technology Corp SH7108 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 197 of 522
REJ09B0069-0100
Initial Output in Complementary PWM Mode: In complementary PWM mode, the initial
output is determined by the setting of bits OLSN and OLSP in the timer output control register
(TOCR).
This initial output is the PWM pulse non-active level, and is output from when complementary
PWM mode is set with the timer mode register (TMDR) until TCNT_4 exceeds the value set in
the dead time register (TDDR). Figure 8.38 shows an example of the initial output in
complementary PWM mode.
An example of the waveform when the initial PWM duty cycle value is smaller than the TDDR
value is shown in figure 8.39.
Timer output control register settings
OLSN bit: 0 (initial output: high; active level: low)
OLSP bit: 0 (initial output: high; active level: low)
TCNT3, 4 value
TGR4_A
TDDR
TCNT_3
TCNT_4
Initial output
Dead time
Time
Active level
Active level
TCNT3, 4 count start
(TSTR setting)
Complementary
PWM mode
(TMDR setting)
Positive phase
output
Negative phase
output
Figure 8.38 Example of Initial Output in Complementary PWM Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com