Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 229Page - Renesas Technology Corp SH7108 Datasheet HTML 230Page - Renesas Technology Corp SH7108 Datasheet HTML 231Page - Renesas Technology Corp SH7108 Datasheet HTML 232Page - Renesas Technology Corp SH7108 Datasheet HTML 233Page - Renesas Technology Corp SH7108 Datasheet HTML 234Page - Renesas Technology Corp SH7108 Datasheet HTML 235Page - Renesas Technology Corp SH7108 Datasheet HTML 236Page - Renesas Technology Corp SH7108 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 199 of 522
REJ09B0069-0100
the T2 period, compare-match c that turns off the positive phase has the highest priority, and
compare-matches occurring prior to c are ignored.
In normal cases, compare-matches occur in the order a
→ b → c → d (or c → d → a' → b'), as
shown in figure 8.40.
If compare-matches deviate from the a
→ b → c → d order, since the time for which the negative
phase is off is less than twice the dead time, the figure shows the positive phase is not being turned
on. If compare-matches deviate from the c
→ d → a' → b' order, since the time for which the
positive phase is off is less than twice the dead time, the figure shows the negative phase is not
being turned on.
If compare-match c occurs first following compare-match a, as shown in figure 8.41, compare-
match b is ignored, and the negative phase is turned off by compare-match d. This is because
turning off of the positive phase has priority due to the occurrence of compare-match c (positive
phase off timing) before compare-match b (positive phase on timing) (consequently, the waveform
does not change since the positive phase goes from off to off).
Similarly, in the example in figure 8.42, compare-match a' with the new data in the temporary
register occurs before compare-match c, but other compare-matches occurring up to c, which turns
off the positive phase, are ignored. As a result, the positive phase is not turned on.
Thus, in complementary PWM mode, compare-matches at turn-off timings take precedence, and
turn-on timing compare-matches that occur before a turn-off timing compare-match are ignored.
T2 period
T1 period
T1 period
ab
c
a'
b'
d
TGR3A_3
TCDR
TDDR
H'0000
Positive phase
Negative phase
Figure 8.40 Example of Complementary PWM Mode Waveform Output (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com