Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 233Page - Renesas Technology Corp SH7108 Datasheet HTML 234Page - Renesas Technology Corp SH7108 Datasheet HTML 235Page - Renesas Technology Corp SH7108 Datasheet HTML 236Page - Renesas Technology Corp SH7108 Datasheet HTML 237Page - Renesas Technology Corp SH7108 Datasheet HTML 238Page - Renesas Technology Corp SH7108 Datasheet HTML 239Page - Renesas Technology Corp SH7108 Datasheet HTML 240Page - Renesas Technology Corp SH7108 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 203 of 522
REJ09B0069-0100
ca d
b
T2 period
T1 period
T1 period
TGRA_3
TCDR
TDDR
H'0000
Positive phase
Negative phase
Figure 8.47 Example of Complementary PWM Mode 0% and 100% Waveform Output (5)
Complementary PWM Mode 0% and 100% Duty Cycle Output: In complementary PWM
mode, 0% and 100% duty cycles can be output as required. Figures 8.43 to 8.47 show output
examples.
100% duty cycle output is performed when the data register value is set to H'0000. The waveform
in this case has a positive phase with a 100% on-state. 0% duty cycle output is performed when
the data register value is set to the same value as TGRA_3. The waveform in this case has a
positive phase with a 100% off-state.
On and off compare-matches occur simultaneously, but if a turn-on compare-match and turn-off
compare-match for the same phase occur simultaneously, both compare-matches are ignored and
the waveform does not change.
Toggle Output Synchronized with PWM Cycle: In complementary PWM mode, toggle output
can be performed in synchronization with the PWM carrier cycle by setting the PSYE bit to 1 in
the timer output control register (TOCR). An example of a toggle output waveform is shown in
figure 8.48.
This output is toggled by a compare-match between TCNT_3 and TGRA_3 and a compare-match
between TCNT4 and H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com