Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 234Page - Renesas Technology Corp SH7108 Datasheet HTML 235Page - Renesas Technology Corp SH7108 Datasheet HTML 236Page - Renesas Technology Corp SH7108 Datasheet HTML 237Page - Renesas Technology Corp SH7108 Datasheet HTML 238Page - Renesas Technology Corp SH7108 Datasheet HTML 239Page - Renesas Technology Corp SH7108 Datasheet HTML 240Page - Renesas Technology Corp SH7108 Datasheet HTML 241Page - Renesas Technology Corp SH7108 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 204 of 522
REJ09B0069-0100
The output pin for this toggle output is the TIOC3A pin. The initial output is 1.
TGRA_3
H'0000
Toggle output
TIOC3A pin
TCNT_4
TCNT_3
Figure 8.48 Example of Toggle Output Waveform Synchronized with PWM Output
Counter Clearing by another Channel: In complementary PWM mode, by setting a mode for
synchronization with another channel by means of the timer synchro register (TSYR), and
selecting synchronous clearing with bits CCLR2 to CCLR0 in the timer control register (TCR), it
is possible to have TCNT_3, TCNT_4, and TCNTS cleared by another channel.
Figure 8.49 illustrates the operation.
Use of this function enables counter clearing and restarting to be performed by means of an
external signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com