Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 238Page - Renesas Technology Corp SH7108 Datasheet HTML 239Page - Renesas Technology Corp SH7108 Datasheet HTML 240Page - Renesas Technology Corp SH7108 Datasheet HTML 241Page - Renesas Technology Corp SH7108 Datasheet HTML 242Page - Renesas Technology Corp SH7108 Datasheet HTML 243Page - Renesas Technology Corp SH7108 Datasheet HTML 244Page - Renesas Technology Corp SH7108 Datasheet HTML 245Page - Renesas Technology Corp SH7108 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 208 of 522
REJ09B0069-0100
A/D Conversion Start Request Setting: In complementary PWM mode, an A/D conversion start
request can be set using a TGRA_3 compare-match or a compare-match on a channel other than
channels 3 and 4.
When start requests using a TGRA_3 compare-match are set, A/D conversion can be started at the
center of the PWM pulse.
A/D conversion start requests can be set by setting the TTGE bit to 1 in the timer interrupt enable
register (TIER).
Complementary PWM Mode Output Protection Function
Complementary PWM mode output has the following protection functions.
• Register and counter miswrite prevention function
With the exception of the buffer registers, which can be rewritten at any time, access by the
CPU can be enabled or disabled for the mode registers, control registers, compare registers,
and counters used in complementary PWM mode by means of bit 13 in the bus controller’s bus
control register 1 (BCR1). The registers and counters concerned are listed in table 8.3.
This function enables the CPU to prevent miswriting due to CPU runaway by disabling CPU
access to the mode registers, control registers, and counters.
• Halting of PWM output by external signal
The 6-phase PWM output pins can be set automatically to the high-impedance state by
inputting specified external signals. There are four external signal input pins.
See section 8.9, Port Output Enable (POE), for details.
• Halting of PWM output when oscillator is stopped
If it is detected that the clock input to this LSI has stopped, the 6-phase PWM output pins
automatically go to the high-impedance state. The pin states are not guaranteed when the clock
is restarted.
For details, see section 4.2, Function for Detecting the Oscillator Halt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com