Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 242Page - Renesas Technology Corp SH7108 Datasheet HTML 243Page - Renesas Technology Corp SH7108 Datasheet HTML 244Page - Renesas Technology Corp SH7108 Datasheet HTML 245Page - Renesas Technology Corp SH7108 Datasheet HTML 246Page - Renesas Technology Corp SH7108 Datasheet HTML 247Page - Renesas Technology Corp SH7108 Datasheet HTML 248Page - Renesas Technology Corp SH7108 Datasheet HTML 249Page - Renesas Technology Corp SH7108 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 212 of 522
REJ09B0069-0100
TCNT
TCNT input
clock
External clock
P
φ
N-1
N
N+1
N+2
Falling edge
Rising edge
Falling edge
Figure 8.55 Count Timing in External Clock Operation
P
φ
External
clock
TCNT input
clock
TCNT
Falling edge
Falling edge
Rising edge
N-1
N
N+1
Figure 8.56 Count Timing in External Clock Operation (Phase Counting Mode)
Output Compare Output Timing: A compare match signal is generated in the final state in
which TCNT and TGR match (the point at which the count value matched by TCNT is updated).
When a compare match signal is generated, the output value set in TIOR is output at the output
compare output pin (TIOC pin). After a match between TCNT and TGR, the compare match
signal is not generated until the TCNT input clock is generated.
Figure 8.57 shows output compare output timing (normal mode and PWM mode) and figure 8.58
shows output compare output timing (complementary PWM mode and reset synchronous PWM
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com