Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 241Page - Renesas Technology Corp SH7108 Datasheet HTML 242Page - Renesas Technology Corp SH7108 Datasheet HTML 243Page - Renesas Technology Corp SH7108 Datasheet HTML 244Page - Renesas Technology Corp SH7108 Datasheet HTML 245Page - Renesas Technology Corp SH7108 Datasheet HTML 246Page - Renesas Technology Corp SH7108 Datasheet HTML 247Page - Renesas Technology Corp SH7108 Datasheet HTML 248Page - Renesas Technology Corp SH7108 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 211 of 522
REJ09B0069-0100
Overflow Interrupt: An interrupt is requested if the TCIEV bit in TIER is set to 1 when the
TCFV flag in TSR is set to 1 by the occurrence of TCNT overflow on a channel. The interrupt
request is cleared by clearing the TCFV flag to 0. The MTU has five overflow interrupts, one for
each channel.
Underflow Interrupt: An interrupt is requested if the TCIEU bit in TIER is set to 1 when the
TCFU flag in TSR is set to 1 by the occurrence of TCNT underflow on a channel. The interrupt
request is cleared by clearing the TCFU flag to 0. The MTU has four underflow interrupts, one
each for channels 1 and 2.
8.5.2
A/D Converter Activation
The A/D converter can be activated by the TGRA input capture/compare match in each channel.
If the TTGE bit in TIER is set to 1 when the TGFA flag in TSR is set to 1 by the occurrence of a
TGRA input capture/compare match on a particular channel, a request to start A/D conversion is
sent to the A/D converter. If the MTU conversion start trigger has been selected on the A/D
converter at this time, A/D conversion starts.
In the MTU, a total of five TGRA input capture/compare match interrupts can be used as A/D
converter conversion start sources, one for each channel.
8.6
Operation Timing
8.6.1
Input/Output Timing
TCNT Count Timing: Figure 8.54 shows TCNT count timing in internal clock operation, and
Figure 8.55 shows TCNT count timing in external clock operation (normal mode), and figure 8.56
shows TCNT count timing in external clock operation (phase counting mode).
TCNT
TCNT input
clock
Internal clock
P
φ
N-1
N
N+1
N+2
Falling edge
Rising edge
Figure 8.54 Count Timing in Internal Clock Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com