Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 294Page - Renesas Technology Corp SH7108 Datasheet HTML 295Page - Renesas Technology Corp SH7108 Datasheet HTML 296Page - Renesas Technology Corp SH7108 Datasheet HTML 297Page - Renesas Technology Corp SH7108 Datasheet HTML 298Page - Renesas Technology Corp SH7108 Datasheet HTML 299Page - Renesas Technology Corp SH7108 Datasheet HTML 300Page - Renesas Technology Corp SH7108 Datasheet HTML 301Page - Renesas Technology Corp SH7108 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 264 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
value
R/W
Description
15
POE3F
0
R/(W)*
POE3 Flag
This flag indicates that a high impedance request has
been input to the
POE3 pin.
[Clearing condition]
• By writing 0 to POE3F after reading POE3F = 1
[Setting condition]
• When the input set by bits 7 and 6 of ICSR1 occurs
at the
POE3 pin
14
POE2F
0
R/(W)*
POE2 Flag
This flag indicates that a high impedance request has
been input to the
POE2 pin.
[Clearing condition]
• By writing 0 to POE2F after reading POE2F = 1
[Setting condition]
• When the input set by bits 5 and 4 of ICSR1 occurs
at the
POE2 pin
13
POE1F
0
R/(W)*
POE1 Flag
This flag indicates that a high impedance request has
been input to the
POE1 pin.
[Clearing condition]
• By writing 0 to POE1F after reading POE1F = 1
[Setting condition]
• When the input set by bits 3 and 2 of ICSR1 occurs
at the
POE1 pin
12
POE0F
0
R/(W)*
POE0 Flag
This flag indicates that a high impedance request has
been input to the
POE0 pin.
[Clearing condition]
• By writing 0 to POE0F after reading POE0F = 1
[Setting condition]
• When the input set by bits 1 and 0 of ICSR1 occurs
at the
POE0 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com