| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 299 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 299 Page - Renesas Technology Corp |
|
299 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) Rev.1.00 Sep. 18, 2008 Page 265 of 522 REJ09B0069-0100 Bit Bit Name Initial value R/W Description 11 to 9 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 8 PIE 0 R/W Port Interrupt Enable This bit enables/disables interrupt requests when any of the POE0F to POE3F bits of the ICSR1 are set to 1. 0: Interrupt requests disabled 1: Interrupt requests enabled 7 6 POE3M1 POE3M0 0 0 R/W R/W POE3 mode 1 and 0 These bits select the input mode of the POE3 pin. 00: Accept request on falling edge of POE3 input. 01: Accept request when POE3 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE3 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE3 input has been sampled for 16 P φ/128 clock pulses, and all are low level. 5 4 POE2M1 POE2M0 0 0 R/W R/W POE2 mode 1 and 0 These bits select the input mode of the POE2 pin. 00: Accept request on falling edge of POE2 input. 01: Accept request when POE2 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE2 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE2 input has been sampled for 16 P φ/128 clock pulses, and all are low level. 3 2 POE1M1 POE1M0 0 0 R/W R/W POE1 mode 1 and 0 These bits select the input mode of the POE1 pin. 00: Accept request on falling edge of POE1 input. 01: Accept request when POE1 input has been sampled for 16 P φ/8 clock pulses, and all are low level. 10: Accept request when POE1 input has been sampled for 16 P φ/16 clock pulses, and all are low level. 11: Accept request when POE1 input has been sampled for 16 P φ/128 clock pulses, and all are low level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |