Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 297Page - Renesas Technology Corp SH7108 Datasheet HTML 298Page - Renesas Technology Corp SH7108 Datasheet HTML 299Page - Renesas Technology Corp SH7108 Datasheet HTML 300Page - Renesas Technology Corp SH7108 Datasheet HTML 301Page - Renesas Technology Corp SH7108 Datasheet HTML 302Page - Renesas Technology Corp SH7108 Datasheet HTML 303Page - Renesas Technology Corp SH7108 Datasheet HTML 304Page - Renesas Technology Corp SH7108 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 267 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
value
R/W
Description
9
OCE
0
R/W
Output Level Compare Enable
This bit enables the start of output level comparisons.
When setting this bit to 1, pay attention to the output pin
combinations shown in table 8.43, Mode Transition
Combinations. When 0 is output, the OSF bit is set to 1
at the same time when this bit is set, and output goes to
high impedance. Accordingly, bits 15 to 11 and bit 9 of
the port E data register (PEDR) are set to 1. For the
MTU output comparison, set the bit to 1 after setting the
MTU's output pins with the PFC. Set this bit only when
using pins as outputs.
When the OCE bit is set to 1, if OIE = 0 a high-
impedance request will not be issued even if OSF is set
to 1. Therefore, in order to have a high-impedance
request issued according to the result of the output level
comparison, the OIE bit must be set to 1. When OCE =
1 and OIE = 1, an interrupt request will be generated at
the same time as the high-impedance request:
however, this interrupt can be masked by means of an
interrupt controller (INTC) setting.
0: Output level compare disabled
1: Output level compare enabled; makes an output high
impedance request when OSF = 1.
8
OIE
0
R/W
Output Short Interrupt Enable
This bit makes interrupt requests when the OSF bit of
the OCSR is set.
0: Interrupt requests disabled
1: Interrupt request enabled
7 to 0
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com