Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 301Page - Renesas Technology Corp SH7108 Datasheet HTML 302Page - Renesas Technology Corp SH7108 Datasheet HTML 303Page - Renesas Technology Corp SH7108 Datasheet HTML 304Page - Renesas Technology Corp SH7108 Datasheet HTML 305Page - Renesas Technology Corp SH7108 Datasheet HTML 306Page - Renesas Technology Corp SH7108 Datasheet HTML 307Page - Renesas Technology Corp SH7108 Datasheet HTML 308Page - Renesas Technology Corp SH7108 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 560 page
background image
Section 9 Watchdog Timer
WDT0400A_010020030200
Rev.1.00 Sep. 18, 2008 Page 271 of 522
REJ09B0069-0100
Section 9 Watchdog Timer
This watchdog timer (WDT) module provides a single, 8-bit timer that can be used to monitor the
system. When the counter value is not rewritten due to a system crash (such as an infinite loop)
and the counter overflows, an overflow signal (WDTOVF) is output to external circuits. It is also
possible to issue an IC internal reset signal at the same time.
If this module is not used as a watchdog timer, it can be used as an interval timer. If it is used as an
interval timer, the interval timer interrupt (ITI) will be generated each time the counter overflows.
The watchdog timer can also be used when standby mode is cleared. Figure 9.1 shows the block
timer of the WDT module.
The block diagram of the WDT is shown in figure 9.1.
9.1
Features
• Selectable from eight counter input clocks
• Switchable between watchdog timer mode and interval timer mode
• Used to clear software standby mode
In watchdog timer mode
• Output WDTOVF signal
• If the counter overflows, it is possible to select whether this LSI is internally reset or not.
In interval timer mode
• If the counter overflows, the WDT generates an interval timer interrupt (ITI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com