Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 303Page - Renesas Technology Corp SH7108 Datasheet HTML 304Page - Renesas Technology Corp SH7108 Datasheet HTML 305Page - Renesas Technology Corp SH7108 Datasheet HTML 306Page - Renesas Technology Corp SH7108 Datasheet HTML 307Page - Renesas Technology Corp SH7108 Datasheet HTML 308Page - Renesas Technology Corp SH7108 Datasheet HTML 309Page - Renesas Technology Corp SH7108 Datasheet HTML 310Page - Renesas Technology Corp SH7108 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 273 of 522
REJ09B0069-0100
• Timer control/status register (TCSR)
• Timer counter (TCNT)
• Reset control/status register (RSTCSR)
9.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable upcounter. When the timer enable bit (TME) in the timer
control/status register (TCSR) is set to 1, TCNT starts counting pulses of an internal clock selected
by clock select bits 2 to 0 (CKS2 to CKS0) in TCSR. When the value of TCNT overflows
(changes from H'FF to H'00), a watchdog timer overflow signal (
WDTOVF) or interval timer
interrupt (ITI) is generated, depending on the mode selected in the WT/
IT bit of TCSR. The initial
value of TCNT is H'00.
9.3.2
Timer Control/Status Register (TCSR)
TCSR is an 8-bit readable/writable register. Its functions include selecting the clock source to be
input to TCNT, and the timer mode.
Bit
Bit Name
Initial Value
R/W
Description
7
OVF
0
R/(W)*
1
Overflow Flag
Indicates that TCNT has overflowed in interval timer
mode. This bit should only be written with 0 to clear
the flag. This flag is not set in watchdog timer mode.
[Setting condition]
• When TCNT overflows in interval timer mode
[Clearing conditions]
• Cleared by reading OVF
• When 0 is written to the TME bit in interval timer
mode
6
WT/
IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog
timer or interval timer. When TCNT overflows, the
WDT either generates an interval timer interrupt (ITI)
or generates a
WDTOVF signal, depending on the
mode selected.
0: Interval timer mode
Interval timer interrupt (ITI) request to the CPU
when TCNT overflows
1: Watchdog timer mode
WDTOVF signal output externally when TCNT
overflows*
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com