Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 307Page - Renesas Technology Corp SH7108 Datasheet HTML 308Page - Renesas Technology Corp SH7108 Datasheet HTML 309Page - Renesas Technology Corp SH7108 Datasheet HTML 310Page - Renesas Technology Corp SH7108 Datasheet HTML 311Page - Renesas Technology Corp SH7108 Datasheet HTML 312Page - Renesas Technology Corp SH7108 Datasheet HTML 313Page - Renesas Technology Corp SH7108 Datasheet HTML 314Page - Renesas Technology Corp SH7108 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 277 of 522
REJ09B0069-0100
TCNT value
H'FF
H'00
WDTOVF
signal
Internal reset
signal*
Overflow
H'00 written
in TCNT
WT/
IT = 1
TME = 1
H'00 written
in TCNT
WT/
IT = 1
TME = 1
WOVF = 1
WDTOVF and internal
reset generated
128
φ clocks
512
φ clocks
WT/IT: Timer mode select bit
TME:
Timer enable bit
Note: * Internal reset signal occurs only when the RSTE bit is set to 1.
Time
Figure 9.2 Operation in Watchdog Timer Mode
9.4.2
Interval Timer Mode
To use the WDT as an interval timer, clear WT/
IT to 0 and set TME to 1 in TCSR. An interval
timer interrupt (ITI) is generated each time the timer counter (TCNT) overflows. This function can
be used to generate interval timer interrupts at regular intervals.
TCNT value
H'FF
H'00
Overflow
WT/
= 0
TME = 1
Overflow
Overflow
Overflow
ITI
ITI
ITI
ITI
Time
ITI: Interval timer interrupt request generation
Figure 9.3 Operation in Interval Timer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com