Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 309Page - Renesas Technology Corp SH7108 Datasheet HTML 310Page - Renesas Technology Corp SH7108 Datasheet HTML 311Page - Renesas Technology Corp SH7108 Datasheet HTML 312Page - Renesas Technology Corp SH7108 Datasheet HTML 313Page - Renesas Technology Corp SH7108 Datasheet HTML 314Page - Renesas Technology Corp SH7108 Datasheet HTML 315Page - Renesas Technology Corp SH7108 Datasheet HTML 316Page - Renesas Technology Corp SH7108 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 279 of 522
REJ09B0069-0100
9.4.5
Timing of Setting the Watchdog Timer Overflow Flag (WOVF)
When TCNT overflows in watchdog timer mode, the WOVF bit of RSTCSR is set to 1 and a
WDTOVF signal is output. When the RSTE bit in RSTCSR is set to 1, TCNT overflow enables an
internal reset signal to be generated for the entire chip. Figure 9.5 shows this timing.
CK
TCNT
Overflow signal
(internal signal)
WOVF
H'FF
H'00
Figure 9.5 Timing of Setting WOVF
9.5
Interrupt Source
During interval timer mode operation, an overflow generates an interval timer interrupt (ITI). The
interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.
Table 9.2
WDT Interrupt Source (in Interval Timer Mode)
Name
Interrupt Source
Interrupt Flag
ITI
TCNT overflow
OVF
9.6
Usage Notes
9.6.1
Notes on Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
Writing to TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com