Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 310Page - Renesas Technology Corp SH7108 Datasheet HTML 311Page - Renesas Technology Corp SH7108 Datasheet HTML 312Page - Renesas Technology Corp SH7108 Datasheet HTML 313Page - Renesas Technology Corp SH7108 Datasheet HTML 314Page - Renesas Technology Corp SH7108 Datasheet HTML 315Page - Renesas Technology Corp SH7108 Datasheet HTML 316Page - Renesas Technology Corp SH7108 Datasheet HTML 317Page - Renesas Technology Corp SH7108 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 280 of 522
REJ09B0069-0100
TCNT and TCSR both have the same write address. The write data must be contained in the lower
byte of the written word. The upper byte must be H'5A (for TCNT) or H'A5 (for TCSR) (figure
9.6). This transfers the write data from the lower byte to TCNT or TCSR.
15
8
7
0
15
8
7
0
H'5A
H'A5
Write data
Write data
• Writing to TCNT
• Writing to TCSR
Address: H'FFFF8610
Address: H'FFFF8610
Figure 9.6 Writing to TCNT and TCSR
Writing to RSTCSR: RSTCSR must be written by a word access to address H'FFFF8612. It
cannot be written by byte transfer instructions.
Procedures for writing 0 to WOVF (bit 7) and for writing to RSTE (bit 6) and RSTS (bit 5) are
different, as shown in figure 9.7.
To write 0 to the WOVF bit, the write data must be H'A5 in the upper byte and H'00 in the lower
byte. This clears the WOVF bit to 0. The RSTE and RSTS bits are not affected. To write to the
RSTE and RSTS bits, the upper byte must be H'5A and the lower byte must be the write data. The
values of bits 6 and 5 of the lower byte are transferred to the RSTE and RSTS bits, respectively.
The WOVF bit is not affected.
15
8
7
0
15
8
7
0
H'A5
H'5A
Write data
• Writing 0 to the WOVF bit
• Writing to the RSTE and RSTS bits
Address: H'FFFF8612
Address: H'FFFF8612
H'00
Figure 9.7 Writing to RSTCSR
Reading from TCNT, TCSR, and RSTCSR: TCNT, TCSR, and RSTCSR are read like other
registers. Use byte transfer instructions. The read addresses are H'FFFF8610 for TCSR,
H'FFFF8611 for TCNT, and H'FFFF8613 for RSTCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com