Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 314Page - Renesas Technology Corp SH7108 Datasheet HTML 315Page - Renesas Technology Corp SH7108 Datasheet HTML 316Page - Renesas Technology Corp SH7108 Datasheet HTML 317Page - Renesas Technology Corp SH7108 Datasheet HTML 318Page - Renesas Technology Corp SH7108 Datasheet HTML 319Page - Renesas Technology Corp SH7108 Datasheet HTML 320Page - Renesas Technology Corp SH7108 Datasheet HTML 321Page - Renesas Technology Corp SH7108 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 284 of 522
REJ09B0069-0100
Clocked synchronous mode
• Data length: 8 bits
• Receive error detection: Overrun errors detected
Note: * The description in this section are based on LSB-first transfer.
Figure 10.1 shows a block diagram of the SCI.
RxD
TxD
SCK
Clock
P
φ
P
φ/8
P
φ/32
P
φ/128
TEI
TXI
RXI
ERI
SSR
SCR
SMR
SDCR
Transmission/
reception
control
Baud rate
generator
BRR
Module data bus
RDR
TSR
RSR
Parity generation
Legend:
RSR:
Receive shift register
RDR:
Receive data register
TSR:
Transmit shift register
TDR:
Transmit data register
SMR:
Serial mode register
SCR:
Serial control register
SSR:
Serial status register
BRR:
Bit rate register
SDCR: Serial direction control register
TDR
Internal
data bus
Parity check
External clock
Figure 10.1 Block Diagram of SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com