Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 318Page - Renesas Technology Corp SH7108 Datasheet HTML 319Page - Renesas Technology Corp SH7108 Datasheet HTML 320Page - Renesas Technology Corp SH7108 Datasheet HTML 321Page - Renesas Technology Corp SH7108 Datasheet HTML 322Page - Renesas Technology Corp SH7108 Datasheet HTML 323Page - Renesas Technology Corp SH7108 Datasheet HTML 324Page - Renesas Technology Corp SH7108 Datasheet HTML 325Page - Renesas Technology Corp SH7108 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 288 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits select the clock source for the baud rate
generator.
00: P
φ clock (n = 0)
01: P
φ/8 clock (n = 1)
10: P
φ/32 clock (n = 2)
11: P
φ/128 clock (n = 3)
For the relation between the bit rate register setting and
the baud rate, see section 10.3.9, Bit Rate Register
(BRR). n is the decimal display of the value of n in BRR
(see section 10.3.9, Bit Rate Register (BRR)).
10.3.6
Serial Control Register (SCR)
SCR is a register that performs enabling or disabling of SCI transfer operations and interrupt
requests, and selection of the transfer clock source. For details on interrupt requests, refer to
section 10.7, Interrupt Sources.
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, TXI interrupt request is enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt requests
are enabled.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only when the
MP bit in SMR is 1 in asynchronous mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of the
RDRF, FER, and ORER status flags in SSR is prohibited.
On receiving data in which the multiprocessor bit is 1, this
bit is automatically cleared and normal reception is
resumed. For details, refer to section 10.5,
Multiprocessor Communication Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com