Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 315Page - Renesas Technology Corp SH7108 Datasheet HTML 316Page - Renesas Technology Corp SH7108 Datasheet HTML 317Page - Renesas Technology Corp SH7108 Datasheet HTML 318Page - Renesas Technology Corp SH7108 Datasheet HTML 319Page - Renesas Technology Corp SH7108 Datasheet HTML 320Page - Renesas Technology Corp SH7108 Datasheet HTML 321Page - Renesas Technology Corp SH7108 Datasheet HTML 322Page - Renesas Technology Corp SH7108 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 285 of 522
REJ09B0069-0100
10.2
Input/Output Pins
Table 10.1 shows the SCI pin configuration.
Table 10.1
Pin Configuration
Channel
Pin Name*
I/O
Function
SCK2
I/O
SCI_2 clock input/output
RxD2
Input
SCI_2 receive data input
2
TxD2
Output
SCI_2 transmit data output
3
SCK3
I/O
SCI_3 clock input/output
RxD3
Input
SCI_3 receive data input
TxD3
Output
SCI_3 transmit data output
Note:
*
Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the
channel designation.
10.3
Register Descriptions
The SCI has the following registers for each channel. For details on register addresses and register
states during each processing, refer to section 19, List of Registers.
Channel 2
• Serial mode register_2 (SMR_2)
• Bit rate register_2 (BRR_2)
• Serial control register_2 (SCR_2)
• Transmit data register_2 (TDR_2)
• Serial status register_2 (SSR_2)
• Receive data register_2 (RDR_2)
• Serial direction control register_2 (SDCR_2)
Channel 3
• Serial mode register_3 (SMR_3)
• Bit rate register_3 (BRR_3)
• Serial control register_3 (SCR_3)
• Transmit data register_3 (TDR_3)
• Serial status register_3 (SSR_3)
• Receive data register_3 (RDR_3)
• Serial direction control register_3 (SDCR_3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com