Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 317Page - Renesas Technology Corp SH7108 Datasheet HTML 318Page - Renesas Technology Corp SH7108 Datasheet HTML 319Page - Renesas Technology Corp SH7108 Datasheet HTML 320Page - Renesas Technology Corp SH7108 Datasheet HTML 321Page - Renesas Technology Corp SH7108 Datasheet HTML 322Page - Renesas Technology Corp SH7108 Datasheet HTML 323Page - Renesas Technology Corp SH7108 Datasheet HTML 324Page - Renesas Technology Corp SH7108 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 287 of 522
REJ09B0069-0100
10.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI’s serial transfer format and select the baud rate generator clock source.
Bit
Bit Name
Initial
Value
R/W
Description
7
C/
A
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length (enabled only in asynchronous mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length. LSB-first is fixed and
the MSB (bit 7) of TDR is not transmitted in
transmission.
In clocked synchronous mode, a fixed data length of 8
bits is used.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous mode)
When this bit is set to 1, the parity bit is added to transmit
data before transmission, and the parity bit is checked in
reception. For a multiprocessor format, parity bit addition
and checking are not performed regardless of the PE bit
setting.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked. If the
second stop bit is 0, it is treated as the start bit of the
next transmit character.
2
MP
0
R/W
Multiprocessor Mode (enabled only in asynchronous
mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit and O/
E
bit settings are invalid in multiprocessor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com