Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 308Page - Renesas Technology Corp SH7108 Datasheet HTML 309Page - Renesas Technology Corp SH7108 Datasheet HTML 310Page - Renesas Technology Corp SH7108 Datasheet HTML 311Page - Renesas Technology Corp SH7108 Datasheet HTML 312Page - Renesas Technology Corp SH7108 Datasheet HTML 313Page - Renesas Technology Corp SH7108 Datasheet HTML 314Page - Renesas Technology Corp SH7108 Datasheet HTML 315Page - Renesas Technology Corp SH7108 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 560 page
background image
Section 9 Watchdog Timer
Rev.1.00 Sep. 18, 2008 Page 278 of 522
REJ09B0069-0100
9.4.3
Clearing Software Standby Mode
The watchdog timer has a special function to clear software standby mode with an NMI interrupt
or
IRQ0 to IRQ3 interrupts. When using software standby mode, set the WDT as described below.
Before Transition to Software Standby Mode: The TME bit in TCSR must be cleared to 0 to
stop the watchdog timer counter before entering software standby mode. The chip cannot enter
software standby mode while the TME bit is set to 1. Set bits CKS2 to CKS0 in TCSR so that the
counter overflow interval is equal to or longer than the oscillation settling time. See section 20.3,
AC Characteristics, for the oscillation settling time.
Recovery from Software Standby Mode: When an NMI signal or
IRQ0 to IRQ3 signals are
received in software standby mode, the clock oscillator starts running and TCNT starts
incrementing at the rate selected by bits CKS2 to CKS0 before software standby mode was
entered. When TCNT overflows (changes from H'FF to H'00), the clock is presumed to be stable
and usable; clock signals are supplied to the entire chip and software standby mode ends.
For details on software standby mode, see section 18, Power-Down Modes.
9.4.4
Timing of Setting the Overflow Flag (OVF)
In interval timer mode, when TCNT overflows, the OVF bit of TCSR is set to 1 and an interval
timer interrupt (ITI) is simultaneously requested. Figure 9.4 shows this timing.
CK
TCNT
Overflow signal
(internal signal)
OVF
H'FF
H'00
Figure 9.4 Timing of Setting OVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com