Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 350Page - Renesas Technology Corp 32186 Datasheet HTML 351Page - Renesas Technology Corp 32186 Datasheet HTML 352Page - Renesas Technology Corp 32186 Datasheet HTML 353Page - Renesas Technology Corp 32186 Datasheet HTML 354Page - Renesas Technology Corp 32186 Datasheet HTML 355Page - Renesas Technology Corp 32186 Datasheet HTML 356Page - Renesas Technology Corp 32186 Datasheet HTML 357Page - Renesas Technology Corp 32186 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-58
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TOU1 Interrupt Request Mask Register (TOU1IMA)
<Address: H’0080 0BD2>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
TOU1IM7 (TOU1_7 interrupt request mask bit)
0: Enable interrupt request
R
W
1
TOU1IM6 (TOU1_6 interrupt request mask bit)
1: Mask (disable) interrupt request
2
TOU1IM5 (TOU1_5 interrupt request mask bit)
3
TOU1IM4 (TOU1_4 interrupt request mask bit)
4
TOU1IM3 (TOU1_3 interrupt request mask bit)
5
TOU1IM2 (TOU1_2 interrupt request mask bit)
6
TOU1IM1 (TOU1_1 interrupt request mask bit)
7
TOU1IM0 (TOU1_0 interrupt request mask bit)
TOU1 Interrupt Request Status Register (TOU1IST)
<Address: H’0080 0BD3>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
TOU1IS7 (TOU1_7 interrupt request status bit)
0: Interrupt not requested
R (Note 1)
9
TOU1IS6 (TOU1_6 interrupt request status bit)
1: Interrupt requested
10
TOU1IS5 (TOU1_5 interrupt request status bit)
11
TOU1IS4 (TOU1_4 interrupt request status bit)
12
TOU1IS3 (TOU1_3 interrupt request status bit)
13
TOU1IS2 (TOU1_2 interrupt request status bit)
14
TOU1IS1 (TOU1_1 interrupt request status bit)
15
TOU1IS0 (TOU1_0 interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
b0
12
3456
b7
TOU1IM7
TOU1IM6
TOU1IM5
TOU1IM4
TOU1IM3
TOU1IM2
TOU1IM1
TOU1IM0
000
0000
0
b8
9
10
11121314
b15
TOU1IS7
TOU1IS6
TOU1IS5
TOU1IS4
TOU1IS3
TOU1IS2
TOU1IS1
TOU1IS0
000
0000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com