Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 354Page - Renesas Technology Corp 32186 Datasheet HTML 355Page - Renesas Technology Corp 32186 Datasheet HTML 356Page - Renesas Technology Corp 32186 Datasheet HTML 357Page - Renesas Technology Corp 32186 Datasheet HTML 358Page - Renesas Technology Corp 32186 Datasheet HTML 359Page - Renesas Technology Corp 32186 Datasheet HTML 360Page - Renesas Technology Corp 32186 Datasheet HTML 361Page - Renesas Technology Corp 32186 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-62
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.3.2 Outline of Each Mode of TOP
Each mode of TOP is outlined below. For each TOP channel, only one of the following modes can be selected.
(1) Single-shot output mode
In single-shot output mode, the timer generates a pulse in width of "reload register set value + 1" only once and
then stops.
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the
reload register, the counter is loaded with the content of “the reload register -1” and starts counting synchro-
nously with the count clock at the next circle. The counter counts down and stops.
The F/F output waveform in single-shot output mode is inverted at enable and upon underflow (F/F output
level is changed “L” to “H,” or vice versa), generating a single-shot pulse waveform in width of “reload
register set value + 1” only once.
And also an interrupt request can be generated when the counter underflows. The counter value is “setting
value of reload register +1.”
(2) Delayed single-shot output mode
In delayed single-shot output mode, the timer generates a pulse in width of “reload register set value + 1”
after a finite time equal to “counter set value + 1” only once and then stops.
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the
counter and reload register, it starts counting down from the counter’s set value synchronously with the
count clock.
The next cycle after first counter underflow, it is loaded with “the reload register value -1” and continues
counting down. The counter stops when it underflows next time.
The F/F output waveform in delayed single-shot output mode is inverted (F/F output level is changed “L” to
“H,” or vice versa), when the counter underflows first time and next, generating a single-shot pulse wave-
form in width of “reload register set value + 1” after a finite time equal to “first set value of counter + 1” only
once.
And also an interrupt request can be generated when the counter underflows first time and next.
The effective counter value is “counter set value +1” or “reload register set value +1.”
(3) Continuous output mode
In continuous output mode, the timer counts down starting from the set value of the counter and at the cycle
after the counter underflows, it is loaded with the value that “ the reload register -1.” Thereafter, this opera-
tion is repeated each time the counter underflows, thus generating consecutive pulses whose waveform is
inverted in width of “ reload register set value + 1.”
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the
counter and reload register, it starts counting down from the counter’s set value synchronously with the
count clock and when the minimum count is reached, generates an underflow.
At the cycle after this underflow, the counter to be loaded with the content of “ the reload register -1” and
start counting over again. Thereafter, this operation is repeated each time an underflow occurs. To stop the
counter, disable count by writing to the enable bit in software.
The F/F output waveform in continuous output mode is inverted (F/F output level is changed “L” to “H,” or
vice versa), at startup and upon underflow, generating a waveform of consecutive pulses until the timer
stops counting. An interrupt request can be generated each time the counter underflows.
The effective counter value is “counter set value +1” and “reload register set value +1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com