Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 387Page - Renesas Technology Corp 32186 Datasheet HTML 388Page - Renesas Technology Corp 32186 Datasheet HTML 389Page - Renesas Technology Corp 32186 Datasheet HTML 390Page - Renesas Technology Corp 32186 Datasheet HTML 391Page - Renesas Technology Corp 32186 Datasheet HTML 392Page - Renesas Technology Corp 32186 Datasheet HTML 393Page - Renesas Technology Corp 32186 Datasheet HTML 394Page - Renesas Technology Corp 32186 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-95
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.4.3 TIO Related Register Map
Shown below is a TIO related register map.
TIO Related Register Map (1/2)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0300
TIO0 Counter
10-105
(TIO0CT)
H'0080 0302
(Use inhibited area)
H'0080 0304
TIO0 Reload 1 Register
10-107
(TIO0RL1)
H'0080 0306
TIO0 Reload 0/ Measure Register
10-106
(TIO0RL0)
(Use inhibited area)
H'0080 0310
TIO1 Counter
10-105
(TIO1CT)
H'0080 0312
(Use inhibited area)
H'0080 0314
TIO1 Reload 1 Register
10-107
(TIO1RL1)
H'0080 0316
TIO1 Reload 0/ Measure Register
10-106
(TIO1RL0)
H'0080 0318
(Use inhibited area)
H'0080 031A
TIO0–3 Control Register 0
10-98
(TIO03CR0)
H'0080 031C
(Use inhibited area)
TIO0–3 Control Register 1
10-99
(TIO03CR1)
(Use inhibited area)
H'0080 0320
TIO2 Counter
10-105
(TIO2CT)
H'0080 0322
(Use inhibited area)
H'0080 0324
TIO2 Reload 1 Register
10-107
(TIO2RL1)
H'0080 0326
TIO2 Reload 0/ Measure Register
10-106
(TIO2RL0)
(Use inhibited area)
H'0080 0330
TIO3 Counter
10-105
(TIO3CT)
H'0080 0332
(Use inhibited area)
H'0080 0334
TIO3 Reload 1 Register
10-107
(TIO3RL1)
H'0080 0336
TIO3 Reload 0/ Measure Register
10-106
(TIO3RL0)
(Use inhibited area)
H'0080 0340
TIO4 Counter
10-105
(TIO4CT)
H'0080 0342
(Use inhibited area)
H'0080 0344
TIO4 Reload 1 Register
10-107
(TIO4RL1)
H'0080 0346
TIO4 Reload 0/ Measure Register
10-106
(TIO4RL0)
H'0080 0348
(Use inhibited area)
H'0080 034A
TIO4 Control Register
TIO5 Control Register
10-100
(TIO4CR)
(TIO5CR)
10-102
(Use inhibited area)
|
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com