Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 384Page - Renesas Technology Corp 32186 Datasheet HTML 385Page - Renesas Technology Corp 32186 Datasheet HTML 386Page - Renesas Technology Corp 32186 Datasheet HTML 387Page - Renesas Technology Corp 32186 Datasheet HTML 388Page - Renesas Technology Corp 32186 Datasheet HTML 389Page - Renesas Technology Corp 32186 Datasheet HTML 390Page - Renesas Technology Corp 32186 Datasheet HTML 391Page - Renesas Technology Corp 32186 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-92
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.4.2 Outline of Each Mode of TIO
Each mode of TIO is outlined below. For each TIO channel, only one of the following modes can be selected.
(1) Measure clear/free-run input modes
In measure clear/free-run input modes, the timer is used to measure a duration of time from when the
counter starts counting until when an external capture signal is entered.And also it is possible to generate
both an interrupt requested by underflow at the counter or execution of measurement operation and a DMA
transfer request (for only the TIO8 and TIO9) upon underflow of the counter.
After the timer is enabled (by writing to the enable bit in software), the counter starts counting down synchro-
nously with the count clock. When a capture signal is entered from an external device, the counter value at
that point in time is written into a register called the “measure register.”
In measure clear input mode, the counter value is initialized to H’FFFF upon capture, from which the counter
starts counting down again. The counter returns to H’FFFF upon underflow, from which it starts counting
down.Furthermore when it underflows goes back to H’FFFF and continues down counting.
In measure free-run input mode, the counter continues counting down even after capture. The counter
returns to H’FFFF upon underflow, from which it starts counting down again.
To stop the counter, disable count by writing to the enable bit in software.
.
(2) Noise processing input mode
In noise processing input mode, the timer is used to detect that the input signal remained in the same state
for over a predetermined time.
In noise processing input mode, a "H" or "L" level on external input activates the counter and if the input signal
remains in the same state for over a predetermined time before the counter underflows, the counter generates
an interrupt request before stopping. If the valid-level signal being applied turns to an invalid level before the
counter underflows, the counter temporarily stops counting and at the next cycle when a valid-level signal is
entered again, the counter is reloaded with the value that " the reload register -1" and restarts counting.
The timer stops at the same time the counter underflows or count is disabled by writing to the enable bit.
Furthermore, it is possible to generate an interrupt request and a DMA transfer request (for only the TIO8
and TIO9) upon underflow of the counter.
(3) PWM output mode (without correction function)
In PWM output mode, the timer uses two reload registers to generate a waveform with a given duty cycle.
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the initial
values in the reload 0 and reload 1 registers, the counter is loaded with the value that “ the reload 0 register
-1” and starts counting down synchronously with the count clock at the next cycle.The next cycle after the
first time the counter underflows, it is loaded with the value that “ the reload 1 register -1” and continues
counting. Thereafter, the counter is loaded with the reload 0 and reload 1 register values alternately each
time an underflow occurs.The effective counter value is “reload 0 register set value +1” or “reload 1 register
set value +1.”
The timer stops at the same time count is disabled by writing to the enable bit (and not in synchronism with
PWM output period).
The F/F output waveform in PWM output mode is inverted (F/F output level changes from "L" to "H" or vice
versa), when the counter starts counting and each time it underflows.
Furthermore, it is possible to generate an interrupt request at even-numbered occurrences of underflow after the
counter is enabled and a DMA transfer request (for only the TIO8 and TIO9) every time the counter underflows.
In addition PWM output mode of TIO does not have function of correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com