Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 392Page - Renesas Technology Corp 32186 Datasheet HTML 393Page - Renesas Technology Corp 32186 Datasheet HTML 394Page - Renesas Technology Corp 32186 Datasheet HTML 395Page - Renesas Technology Corp 32186 Datasheet HTML 396Page - Renesas Technology Corp 32186 Datasheet HTML 397Page - Renesas Technology Corp 32186 Datasheet HTML 398Page - Renesas Technology Corp 32186 Datasheet HTML 399Page - Renesas Technology Corp 32186 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-100
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TIO4 Control Register (TIO4CR)
<Address: H’0080 034A>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0, 1
TIO4CKS
00: Clock bus 0
R
W
TIO4 clock source select bit
01: Clock bus 1
10: Clock bus 2
11: Clock bus 3
2
TIO4EEN (Note 1)
0: Disable external input
R
W
TIO4 external input enable bit
1: Enable external input
3, 4
TIO34ENS
00: External input TIN6
R
W
TIO3,4 enable/measure input source select bit
01: External input TIN6
10: Input event bus 2
11: Input event bus 3
5–7
TIO4M
000: Single-shot output mode
R
W
TIO4 operation mode select bit
001: Delayed single-shot output mode
010: Continuous output mode
011: PWM output mode
100: Measure clear input mode
101: Measure free-run input mode
110: Noise processing input mode
111: Noise processing input mode
Note 1: During measure free-run/clear input mode, even if this bit is set to "0" (external input disabled), when a capture signal is
entered from an external device, the counter value at that point in time is written into the measure register. In measure clear
input mode, however, if this bit = "0" (external input disabled), the counter value is not initialized (H’FFFF) upon capture and,
therefore, this bit should be set to "1" (external input enabled) when using measure clear input mode.
Note: • Operation mode can only be set or changed while the counter is inactive.
b0
12
3456
b7
TIO4CKS
TIO4EEN
TIO34ENS
TIO4M
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com