Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 394Page - Renesas Technology Corp 32186 Datasheet HTML 395Page - Renesas Technology Corp 32186 Datasheet HTML 396Page - Renesas Technology Corp 32186 Datasheet HTML 397Page - Renesas Technology Corp 32186 Datasheet HTML 398Page - Renesas Technology Corp 32186 Datasheet HTML 399Page - Renesas Technology Corp 32186 Datasheet HTML 400Page - Renesas Technology Corp 32186 Datasheet HTML 401Page - Renesas Technology Corp 32186 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-102
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TIO5 Control Register (TIO5CR)
<Address: H’0080 034B>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
TIO5CKS
000: External input TCLK1
R
W
TIO5 clock source select bit
001: External input TCLK1
010: External input TCLK1
011: External input TCLK1
100: Clock bus 0
101: Clock bus 1
110: Clock bus 2
111: Clock bus 3
11, 12
TIO5ENS
00: Do not use enable/measure input source
R
W
TIO5 enable/measure input source select bit
01: Do not use enable/measure input source
10: External input TIN7
11: Input event bus 3
13–15
TIO5M
000: Single-shot output mode
R
W
TIO5 operation mode select bit
001: Delayed single-shot output mode
010: Continuous output mode
011: PWM output mode
100: Measure clear input mode
101: Measure free-run input mode
110: Noise processing input mode
111: Noise processing input mode
Note: • Operation mode can only be set or changed while the counter is inactive.
b8
9
10
11121314
b15
TIO5CKS
TIO5ENS
TIO5M
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com