Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 415Page - Renesas Technology Corp 32186 Datasheet HTML 416Page - Renesas Technology Corp 32186 Datasheet HTML 417Page - Renesas Technology Corp 32186 Datasheet HTML 418Page - Renesas Technology Corp 32186 Datasheet HTML 419Page - Renesas Technology Corp 32186 Datasheet HTML 420Page - Renesas Technology Corp 32186 Datasheet HTML 421Page - Renesas Technology Corp 32186 Datasheet HTML 422Page - Renesas Technology Corp 32186 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-123
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.5 TMS (Input-Related 16-Bit Timer)
10.5.1 Outline of TMS
TMS (Timer Measure Small) is an input-related 16-bit timer capable of measuring input pulses in two circuit
blocks comprising a total of eight channels.
The table below and the diagram in the next page show specifications and a block diagram of TMS, respec-
tively.
Table 10.5.1 Specifications of TMS (Input-Related 16-Bit Timer)
Item
Specification
Number of channels
8 channels (2 circuit blocks consisting of 4 channels each, 8 channels in total)
Counter
16-bit up-counter
× 2
Measure register
16-bit measure register
× 8
Timer startup
Started by writing to the enable bit in software
Interrupt request generation
Can be generated by a counter overflow
10.5.2 Outline of TMS Operation
In TMS, when the timer is enabled (by writing to the enable bit in software), the counter starts operating. The
counter is a 16-bit up-counter, where when a measure signal is entered from an external device, the counter
value is latched into each measure register.
The counter stops counting at the same time count is disabled by writing to the enable bit in software.
TIN and TMS interrupt requests can be generated by external measure signal input and counter overflow,
respectively.
10.5 TMS (Input-Related 16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com