Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 412Page - Renesas Technology Corp 32186 Datasheet HTML 413Page - Renesas Technology Corp 32186 Datasheet HTML 414Page - Renesas Technology Corp 32186 Datasheet HTML 415Page - Renesas Technology Corp 32186 Datasheet HTML 416Page - Renesas Technology Corp 32186 Datasheet HTML 417Page - Renesas Technology Corp 32186 Datasheet HTML 418Page - Renesas Technology Corp 32186 Datasheet HTML 419Page - Renesas Technology Corp 32186 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-120
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
H'FFFF
H'0000
H'A000
H'F000
H'F000
DMA transfer request
due to underflow
DMA transfer request
due to underflow
TIO interrupt request
due to underflow
TIO interrupt request
due to underflow
DMA transfer request (Note 1)
Underflow
(first time)
Count down from the
counter set value
Underflow
(second time)
Count down from the
reload 0 register
set value
Count clock
F/F output
(Unused)
TIO interrupt request
Enable bit
Reload 0 register
Counter
Reload 1 register
Enabled
(by writing to the enable bit
or by external input)
Data inverted by
underflow
Data inverted by
underflow
(Note 2)
Note 1: Only TIO8 and TIO9 can be generated.
Note 2: The value that "reload 0 register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
Figure 10.4.14 Typical Operation in TIO Delayed Single-shot Output Mode (without Correction Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com