Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 421Page - Renesas Technology Corp 32186 Datasheet HTML 422Page - Renesas Technology Corp 32186 Datasheet HTML 423Page - Renesas Technology Corp 32186 Datasheet HTML 424Page - Renesas Technology Corp 32186 Datasheet HTML 425Page - Renesas Technology Corp 32186 Datasheet HTML 426Page - Renesas Technology Corp 32186 Datasheet HTML 427Page - Renesas Technology Corp 32186 Datasheet HTML 428Page - Renesas Technology Corp 32186 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-129
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.6.1 Block Diagram of TML (Input-Related 32-Bit Timer)
3 2 1 0 3 2 1 0
S
S
S
S
TIN20S
TIN21S
TIN20 (P134)
TIN21 (P135)
TIN22S
TIN22 (P136)
TIN23S
TIN23 (P137)
IRQ11
IRQ11
IRQ11
IRQ11
0 1 2 3
S
3 2 1 0 3 2 1 0
0 1 2 3
clk
TML0
cap3
cap2
cap1
cap0
S
S
S
S
S
TIN30S
TIN31S
TIN30 (P34)
TIN31 (P35)
TIN32S
TIN32 (P36)
TIN33S
TIN33 (P37)
IRQ18
IRQ18
IRQ18
IRQ18
clk
TML1
cap3
cap2
cap1
cap0
S
DMA5
DMA common
AD0TRG
Clock bus
Input event bus
Output event bus
: Selector
Measure register 3
Counter
(32-bit)
Measure register 2
Measure register 1
Measure register 0
Measure register 3
Measure register 2
Measure register 1
Measure register 0
Counter
(32-bit)
BCLK
1/4
1/2
10.6 TML (Input-Related 32-Bit Timer)
10.6.1 Outline of TML
TML (Timer Measure Large) is an input-related 32-bit timer capable of measuring input pulses in two circuit
blocks comprising a total of eight channels.
The table and diagram below show specifications and a block diagram of TML, respectively.
Table 10.6.1 Specifications of TML (Input-Related 32-Bit Timer)
Item
Specification
Number of channels
8 channels (2 circuit blocks consisting of 4 channels each, 8 channels in total)
Input clock
BCLK/4 (5.0 MHz when f(BCLK) = 20 MHz), BCLK/2 (10.0 MHz when f(BCLK) = 20 MHz)
or clock bus 1 input
Counter
32-bit up-counter
× 2
Measure register
32-bit measure register
× 8
Timer startup
Start counting after exiting the reset state
10.6 TML (Input-Related 32-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com